Part Number Hot Search : 
2N6990 06000 00GA1 HT7730A FM4933L E3503S 203306B DZ11B
Product Description
Full Text Search
 

To Download MA10701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3X701
Silicon epitaxial planar type
Unit : mm
For high-frequency rectification
0.65 0.15
2.8 - 0.3 1.5 - 0.05
+ 0.25
+ 0.2
0.65 0.15
0.95
2
I Absolute Maximum Ratings Ta = 25C
Reverse voltage (DC) Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature VR VRRM IF(AV) IFSM Tj Tstg 30 30 700 5 125 -55 to +150 V V mA A C C
1.1 - 0.1
+ 0.2
Parameter
Symbol
Rating
Unit
1 : Anode 2 : NC JEDEC : TO-236 3 : Cathode EIAJ : SC-59 Mini Type Package (3-pin)
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
Marking Symbol: M4P Internal Connection
1 3 2
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Terminal capacitance Reverse recovery time*2 Thermal resistance (1) Thermal resistance (2)*1 Symbol IR VF Ct trr Rth(j-a)(1) Rth(j-a)(2) VR = 30 V IZ = 700 mA VR = 0 V, f = 1 MHz IF = IR = 100 mA Irr = 10 mA, RL = 100 120 7.5 420 330 Conditions Min Typ Max 80 0.55 Unit A V pF ns C/W C/W
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 400 MHz 3. *1 : Obtained by fixing the element to the printed-circuit board (copper foil area 0.8 mm x 20 mm) *2 : trr measuring circuit
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 10 mA IF = 100 mA IR = 100 mA RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
0 to 0.1
0.1 to 0.3 0.4 0.2
0.8
0.16 - 0.06
+ 0.1
0.4 - 0.05
+ 0.1
* Mini type 3-pin package * Allowing to rectify under (IF(AV) = 700 mA) condition
1.9 0.2
2.9 - 0.05
1 3
+ 0.2
0.95
1.45
I Features
1
MA3X701
IF V F
1
0.8 0.7
Schottky Barrier Diodes (SBD)
VF Ta
104 Ta = 125C 103
IR VR
10-1
Ta = 125C
Forward voltage VF (V)
Forward current IF (A)
10-2
75C 25C - 20C
0.6 0.5 0.4 0.3 0.2 0.1 100 mA 10 mA
Reverse current IR (A)
IF = 700 mA
102
75C
10-3
10 25C 1
10-4
10-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0 -40
10-1
0 40 80 120 160 200
0
5
10
15
20
25
30
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
10 000 VR = 30 V 1 000
Ct VR
300 1 000
IF(surge) tW
Ta = 25C 300 tW 100 30 10 3 1 0.3 0.1 0.1 IF(surge)
Reverse current IR (A)
15 V 6V
Terminal capacitance Ct (pF)
250
200
100
150
10
100
1
50
0.1 -40
0
0 40 80 120 160 200
Forward surge current IF(surge) (A)
0
5
10
15
20
25
30
0.3
1
3
10
30
100
Ambient temperature Ta
(C)
Reverse voltage VR
(V)
Pulse width tW (ms)
2


▲Up To Search▲   

 
Price & Availability of MA10701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X